PART |
Description |
Maker |
PM5371 PM5371-RI |
VT/TU Cross-Connect Switch ATM SWITCHING CIRCUIT, PQFP160 SONET/SDH TRIBUTARY UNIT CROSS CONNECT
|
PMC-Sierra, Inc. PMC[PMC-Sierra, Inc]
|
MUR1560 RURP1560 RURP1540 MUR1540 FN2778 |
15A/ 400V - 600V Ultrafast Diodes From old datasheet system (MUR1540 / MUR1560) 15A / 400V - 600V Ultrafast Diodes 15A, 400V - 600V Ultrafast Diodes(15A, 400V - 600V 瓒?揩浜??绠??ㄤ?寮???垫嚎
|
INTERSIL[Intersil Corporation]
|
6600.3200 |
IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, PLUG
|
SCHURTER AG
|
6130.5615 6130.5630 6130.5620 |
IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs PCB 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG SCHURTER INC
|
A67L7332E-6 A67L7332E-45 A67L7332E-5 A67L8318E-6 A |
256K X 16/18/ 128K X 32/36 LVTTL/ Pipelined DBA SRAM T1 CABLE DB15M-DB15M CROSS PINNED 10 FT. T1 CABLE RJ48-RJ48 CROSS PINNED 10 FEET T1 CABLE DB15M-RJ48 CROSS PINNED 25 FT. 256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM 256 × 16/1828K的X 32/36 LVTTL,管线数据库管理员的SRAM Cycle time:7ns; access time:4.5ns; 256K x 16 LVTTL, pipelined DBA SRAM
|
AMIC Technology Corporation AMIC Technology, Corp.
|
BOT-3D-110/120VDC BOT-6A-48VAC BOT-3A-48VAC BOT-3D |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.024A (COIL), 120VDC (COIL), 2880mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.171A (COIL), 12VDC (COIL), 2052mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.115A (COIL), 26.5VDC (COIL), 3047.5mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.75A (COIL), 3VDC (COIL), 2250mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT
|
Allied Controls, Inc. ALLIED CONTROLS INC
|
PT2351-S PT2351 |
Subwoofer Cross-Over Low Pass Filter IC Subwoofer Cross-over Low Pass Filter Chip
|
PTC[Princeton Technology Corp]
|
RHRG1560CC RHRG1540CC RHRG1560 RHRG1560CCNL |
15A, 600V HyperFast Dual Diode 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-247 15A, 400V - 600V Hyperfast Dual Diodes
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
S116S02 S116S02F S216S02 S216S02F |
IT(rms)梅16A, Zero Cross type SIP 4pin Triac output SSR IT(rms)÷16A, Zero Cross type SIP 4pin Triac output SSR
|
Sharp Electrionic Components
|
15CTQ045-1 15CTQ045S 15CTQ040S 15CTQS 15CTQ 15CTQ0 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 15A Schottky Common Cathode Diode in a TO-262 package 45V 15A Schottky Common Cathode Diode in a TO-262 package 35V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-262 package 40V 15A Schottky Common Cathode Diode in a D2-Pak package 45V 15A Schottky Common Cathode Diode in a D2-Pak package 35V 15A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
OCC0096ALUSN00D NC316144RPSDC NC316144RPSAC OCC96 |
Optical Cross Connect
|
MRV Communications, Inc. MRV Communications, Inc...
|
|